Part Number Hot Search : 
T323033 15KPJ58 C486FD19 B3925 B3925 16373 BC857BL C486FD19
Product Description
Full Text Search
 

To Download B2511 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  light vandal lp3-v part number matrix lp3 C x x x x x x x x illuminated vandal-proof pushbutton illuminated vandal proof pushbutton lp3-v 16 otto 2007 full line catalog specifications subject to change without notice quality features: ? security (aluminum) and vandal proof (stainless steel) case and button ? ring illuminated ? watertight to ip68 ? rohs compliant ? less than 25 milliohms contact resistance ? high and low profile button option ? variety of led colors ? drop in replacement to the p8-v series the illuminated vandal series lp3-v & lp5-v have been designed to provide attractive, lighted position indication for applications in harsh environments, where security and reliability are paramount. the series features both aluminum and stainless steel cases with ip68, one meter submersion ratings. these high reliability switches offer the durability and ruggedness our customers have come to expect with the added benefit of illumination. they are ideal for marine, off-highway and industrial control applications that require an illuminated switch. these switches offer positive tactile feedback, less than 25 milliohms contact resistance, and a variety of led colors available in both flat and domed actuator bezel shapes. ring illuminatedstainless steel case and button standard characteristics/ratings: materials: case: stainless steel/aluminum button: center cap satinless steel/aluminum seal: dusttight per mil-prf-8805 and splash proof per ip64 watertight per ip68s 1 meter electrical: electrical ratings: sea level load 28 vdc 115 vac resistive 5 amps 5 amps inductive 3 amps 3 amps lamp 1 amp 1 amp motor 3 amps 3 amps dwv: 1050 vrms electrical life: 25,000 cycles light source actual voltage voltage voltage (dc) nominal (dc) maximum (dc) 22 2.6 67 8 12 13.5 14.5 24 28 28.6 mechanical: total travel: .080 max overtravel: .010 min operating force: 2.5 or 5.0lbs mechanical life: 250,000 cycles at ambient and +85c 25,000 cycles at C55c type v. stainless a. aluminum case style 1. 5/8-24 & hex nut 2. 5/8-24 & knurl nut 3. 5/8-24 w/dCflat & hex nut 4. 5/8-24 w/dCflat & knurl nut 5. 3/4-20 & hex nut 6. 3/4-20 & knurl nut 7. 3/4-20 w/dCflat & hex nut 8. 3/4-20 w/dCflat & knurl nut circuit rating 1. spst n.o. / std 2. spst n.c. / std 3. spdt 2-circuit / std 4. spst n.o. / low level 5. spst n.c. / low level 6. spdt 2-circuit / low level seal level 2. dusttight 3. watertight operate force 2. 2.5 lbs. 5. 5 lbs. case/center cap color 1. silver 2. black* *only available on lp3-a styles button profile 1. high profile flat button 2. high profile curved button 3. low profile flat button 4. low profile curved button 5. flush profile flat button light source type w/ rev. pol. protection a. 2v red led b. 2v green led c. 2v amber led d. 6v red led e. 6v green led f. 6v amber led g. 12v red led h. 12v green led j. 12v amber led k. 24v red led l. 24v green led m. 24v amber led n. 2v blue led p. 6v blue led q. 12v blue led r. 24v blue led note: contact factory for additional led lighting options
specifications subject to change without notice www.ottoexcellence.com 17 illuminated vandal-proof pushbutton illuminated vandal proof pushbutton lp3-v ring illuminatedstainless steel case and button pushbuttons lp3-1 high profile flat button lp3-2 high profile curved button lp3-3 low profile flat button lp3-4 low profile curved button lp3-5 flush profile flat button


▲Up To Search▲   

 
Price & Availability of B2511

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X